Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 8Page - Renesas Technology Corp HD404324FS Datasheet HTML 9Page - Renesas Technology Corp HD404324FS Datasheet HTML 10Page - Renesas Technology Corp HD404324FS Datasheet HTML 11Page - Renesas Technology Corp HD404324FS Datasheet HTML 12Page - Renesas Technology Corp HD404324FS Datasheet HTML 13Page - Renesas Technology Corp HD404324FS Datasheet HTML 14Page - Renesas Technology Corp HD404324FS Datasheet HTML 15Page - Renesas Technology Corp HD404324FS Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
HD404054 Series/HD404094 Series
10
$000
$003
PMRA $004
SM1A $005
SR1L $006
SR1U $007
TMA $008
MIS $00C
TMC1 $00D
TRCL/TWCL $00E
TRCU/TWCU $00F
TMD1 $010
TRDL/TWDL $011
TRDU/TWDU $012
$013
TMC2 $014
TMD2 $015
$016
CDR $017
CER $018
$020
$023
PMRB $024
PMRC $025
$026
ESR2 $027
SM1B $028
DCD0 $02C
DCD1 $02D
DCD2 $02E
DCR0 $030
DCR1 $031
DCR2 $032
DCR3 $033
DCR4 $034
$03F
Bit 3
Bit 2
Bit 1
Interrupt control bits area
: Not used
R42/SI1
R43/SO1
Serial transmit clock speed selection 1
Serial data register 1 (lower digit)
Serial data register 1 (upper digit)
Clock source selection (timer A)
2
SO1 PMOS control
1
Clock source selection (timer C)
Timer C register (lower digit)
Timer C register (upper digit)
1
Clock source selection (timer D)
Timer D register (lower digit)
Timer D register (upper digit)
Timer-C output mode selection
Timer-D output mode selection
3
Result of each analog input comparison
Register flag area
R40/EVND
EVND detection edge selection
6
7
Port D3 DCR
Port D7 DCR
Port D2 DCR
Port D6 DCR
Port D1 DCR
Port D5 DCR
Port D9 DCR
Port D0 DCR
Port D4 DCR
Port D8 DCR
Port R13 DCR
Port R23 DCR
Port R33 DCR
Port R43 DCR
Port R12 DCR
Port R22 DCR
Port R32 DCR
Port R42 DCR
Port R11 DCR
Port R21 DCR
Port R31 DCR
Port R41 DCR
Port R00 DCR
Port R10 DCR
Port R20 DCR
Port R30 DCR
Port R40 DCR
D12/STOPC
D13/INT0
R00/INT1
R41/SCK1
Bit 0
4
5
1. Auto-reload on/off
2. Pull-up MOS control
3. Input capture selection
4. Comparator switch
5. Port/comparator selection
6. SO1 output level control in idle states
7. Serial clock source selection 1
Notes:
*
*
*
*
**
*
*
Figure 5 Special Function Register Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com