Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 79Page - Renesas Technology Corp HD404324FS Datasheet HTML 80Page - Renesas Technology Corp HD404324FS Datasheet HTML 81Page - Renesas Technology Corp HD404324FS Datasheet HTML 82Page - Renesas Technology Corp HD404324FS Datasheet HTML 83Page - Renesas Technology Corp HD404324FS Datasheet HTML 84Page - Renesas Technology Corp HD404324FS Datasheet HTML 85Page - Renesas Technology Corp HD404324FS Datasheet HTML 86Page - Renesas Technology Corp HD404324FS Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
HD404054 Series/HD404094 Series
81
Warnings
1. Always specify addresses $0000 to $1FFF when programming with a PROM programmer. If address
$2000 or higher is accessed, the PROM may not be programmed or verified correctly. Set all data in
unused addresses to $FF.
Note that the plastic-package version cannot be erased or reprogrammed.
2. Make sure that the PROM programmer, socket adapter, and LSI are aligned correctly (their pin 1
positions match), otherwise overcurrents may damage the LSI. Before starting programming, make
sure that the LSI is firmly fixed in the socket adapter and the socket adapter is firmly fixed onto the
programmer.
3. PROM programmers have two voltages (V
PP): 12.5 V and 21 V. Remember that ZTAT™ devices
require a V
PP of 12.5 V—the 21-V setting will damage them. 12.5 V is the Intel 27256 setting.
Programming and Verification
The built-in PROM of the MCU can be programmed at high speed without risk of voltage stress or damage
to data reliability.
Programming and verification modes are selected as listed in table 28.
Table 28
PROM Mode Selection
Pin
Mode
CE
OE
V
PP
O
0–O7
Programming
Low
High
V
PP
Data input
Verification
High
Low
V
PP
Data output
Programming inhibited
High
High
V
PP
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com