Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 86Page - Renesas Technology Corp HD404324FS Datasheet HTML 87Page - Renesas Technology Corp HD404324FS Datasheet HTML 88Page - Renesas Technology Corp HD404324FS Datasheet HTML 89Page - Renesas Technology Corp HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 103 page
background image
HD404054 Series/HD404094 Series
88
Electrical Characteristics
DC Characteristics (HD404052, HD404054, HD404092, HD404094: V
CC = 1.8 V to 6.0 V, GND = 0 V,
T
a = –20 °C to +75°C; HD40A4052, HD40A4054: VCC = 4.0 V to 6.0 V, GND = 0 V, Ta = –20°C to
+75
°C; HD4074054, HD4074094: V
CC = 2.7 V
to 5.5 V, GND = 0 V, T
a = –20°C to +75°C, unless
otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Input high
voltage
V
IH
RESET, STOPC,
INT
0, INT1, SCK 1,
SI
1, EVND
0.9 V
CC
—V
CC + 0.3
V
OSC
1
V
CC – 0.3
—
V
CC + 0.3
V
External clock
Input low
voltage
V
IL
RESET, STOPC,
INT
0, INT1, SCK 1,
SI
1, EVND
–0.3
—
0.10 V
CC
V
OSC
1
–0.3
—
0.3
V
External clock
Output high
voltage
V
OH
SCK
1, SO1,
TOC,TOD
V
CC – 1.0
—
—
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
SCK
1, SO1,
TOC,TOD
—
—
0.4
V
I
OL = 0.4 mA
I/O leakage
current
| I
IL |
RESET, STOPC,
INT
0, INT1, SCK 1,
SI
1, SO1, EVND,
OSC
1, TOC, TOD
——
1
µAV
in = 0 V to VCC
1
Current
dissipation in
active mode
I
CC1
V
CC
—5
—
mA
V
CC = 5 V,
f
OSC = 4 MHz
Digital input mode
2, 4,
—
5
10
mA
V
CC = 5 V,
f
OSC = 8 MHz
Digital input mode
3, 4,
I
CC2
V
CC
—
0.6
1.8
mA
V
CC = 3 V,
f
OSC = 800 kHz
Digital input mode
2, 4,
I
CMP1
V
CC
—9
—
mA
V
CC = 5 V,
f
OSC = 4 MHz
Analog comp. mode
2, 4,
—
9
15
mA
V
CC = 5 V,
f
OSC = 8 MHz
Analog comp. mode
3, 4,
I
CMP2
V
CC
—
3.1
4.3
mA
V
CC = 3 V,
f
OSC = 800 kHz
Analog comp. mode
2, 4,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com