Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 34Page - Renesas Technology Corp HD404324FS Datasheet HTML 35Page - Renesas Technology Corp HD404324FS Datasheet HTML 36Page - Renesas Technology Corp HD404324FS Datasheet HTML 37Page - Renesas Technology Corp HD404324FS Datasheet HTML 38Page - Renesas Technology Corp HD404324FS Datasheet HTML 39Page - Renesas Technology Corp HD404324FS Datasheet HTML 40Page - Renesas Technology Corp HD404324FS Datasheet HTML 41Page - Renesas Technology Corp HD404324FS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
HD404054 Series/HD404094 Series
36
Pins
I/O Pin Type
Circuit
HD404054
Series
HD404094
Series
Input pins
Input data
Input control signal
D
12, D13, RC0
RD
0–RD3, RE 0
D
12, D13, RC0
RD
0–RD3, RE 0
Periphera
l function
pins
Input/
output pins
VCC
VCC
Pull-up control signal
Output data
Input data
HLT
MIS3
SCK1
SCK1
SCK
1
SCK
1
Output
pins
VCC
VCC
Pull-up control signal
PMOS control
signal
Output data
HLT
MIS3
SO1
MIS2
SO
1
SO
1
VCC
VCC
Pull-up control signal
Output data
HLT
MIS3
TOC, TOD
TOC, TOD
TOC, TOD
Input pins
VCC
Input data
HLT
MIS3
SI1, INT1,
EVND
PDR
SI
1, INT1,
EVND
SI
1, INT1,
EVND
Input data
INT0,
STOPC
INT
0,
STOPC
INT
0,
STOPC
Note:
The MCU is reset in stop mode, and peripheral function selection is cancelled. The
HLT signal
becomes low, and input/output pins enter high-impedance state.
D Port (D
0–D13):
Consist of 10 input/output pins and 2 input pins addressed by one bit. D
0–D3 are high-
current sources, and D
12 and D13 are input-only pins. D4–D9 of the HD404054 Series are high-current sinks.
D
4–D7 of the HD404094 Series are middle voltage output-only pins, and D8 and D9 are high-current sink
pins.
Pins D
0–D9 are set by the SED and SEDD instructions, and reset by the RED and REDD instructions.
Output data is stored in the port data register (PDR) for each pin. All pins D
0–D13 are tested by the TD and
TDD instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com