Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 87Page - Renesas Technology Corp HD404324FS Datasheet HTML 88Page - Renesas Technology Corp HD404324FS Datasheet HTML 89Page - Renesas Technology Corp HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp HD404324FS Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
HD404054 Series/HD404094 Series
89
Item
Symbol Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Current dissipation
in standby mode
I
SBY1
V
CC
—
1.2
—
mA
V
CC = 5 V,
f
OSC = 4 MHz
2, 6,
—3
6
mA
V
CC = 5 V,
f
OSC = 8 MHz
3, 6,
I
SBY2
V
CC
—
0.2
0.7
mA
V
CC = 3 V,
f
OSC = 800 kHz
2, 6,
Current dissipation
in stop mode
I
STOP
V
CC
—1
5
µAV
CC = 3 V
2, 7
—1
10
µAV
CC = 5 V
3, 7
Stop mode
retaining voltage
V
STOP
V
CC
—
1.3
—
V
8
Comparator input
reference voltage
scope
VC
ref
VC
ref
0—
V
CC – 1.2
V
Notes: 1. Output buffer current is excluded.
2. Applies to HD404052, HD404054, HD4074054, HD404092, HD404094 and HD4074094.
3. Applies to HD40A4052 and HD40A4054.
4. I
CC1 and I CC2 are the source currents when no I/O current is flowing while the MCU is in reset
state. Test conditions: MCU: Reset
Pins:
RESET at GND (0 V to 0.3V)
TEST at V
CC (VCC – 0.3 to VCC)
5. RD
0 and RD1 pins are analog input mode when no I/O current is flowing.
Test conditions: MCU: Analog input mode
Pins: RD
0/COMP0 at GND (0 V to 0.3 V)
RD
1/COMP1 at GND (0 V to 0.3 V)
RE
0/VCref at GND (0 V to 0.3 V)
6. I
SBY1 and I SBY2 are the source currents when no I/O current is flowing while the MCU timer is
operating. Test conditions: MCU: I/O reset
Serial interface stopped
Standby mode
Pins:
RESET at V
CC (VCC – 0.3 to VCC)
TEST at V
CC (VCC – 0.3 to VCC)
7. These are the source currents when no I/O current is flowing.
Test conditions: Pins:
RESET at V
CC (VCC – 0.3 to VCC)
TEST at V
CC (VCC – 0.3 to VCC)
D
13* at VCC (VCC – 0.3 to VCC)
Note: * Applies to HD4074054 and HD4074094
8. RAM data retention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com