Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 56Page - Renesas Technology Corp HD404324FS Datasheet HTML 57Page - Renesas Technology Corp HD404324FS Datasheet HTML 58Page - Renesas Technology Corp HD404324FS Datasheet HTML 59Page - Renesas Technology Corp HD404324FS Datasheet HTML 60Page - Renesas Technology Corp HD404324FS Datasheet HTML 61Page - Renesas Technology Corp HD404324FS Datasheet HTML 62Page - Renesas Technology Corp HD404324FS Datasheet HTML 63Page - Renesas Technology Corp HD404324FS Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
HD404054 Series/HD404094 Series
58
Registers for Timer D Operation: By using the following registers, timer D operation modes are selected
and the timer D count is read and written.
Timer mode register D1 (TMD1: $010)
Timer mode register D2 (TMD2: $015)
Timer write register D (TWDL: $011, TWDU: $012)
Timer read register D (TRDL: $011, TRDU: $012)
Port mode register C (PMRC: $025)
Detection edge select register 2 (ESR2: $027)
• Timer mode register D1 (TMD1: $010): Four-bit write-only register that selects the free-
running/reload timer function, input clock source, and the prescaler division ratio as shown in figure 41.
It is reset to $0 by MCU reset.
Writing to this register is valid from the second instruction execution cycle after the execution of the
previous timer mode register D1 (TMD1: $010) write instruction. Setting timer D’s initialization by
writing to timer write register D (TWDL: $011, TWDU: $012) must be done after a mode change
becomes valid.
When selecting the input capture timer operation, select the internal clock as the input clock source.
Bit
Initial value
Read/Write
Bit name
3
0
W
TMD13
2
0
W
TMD12
0
0
W
TMD10
1
0
W
TMD11
Timer mode register D1 (TMD1: $010)
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2048tcyc
512tcyc
128tcyc
32tcyc
8tcyc
4tcyc
2tcyc
TMD12
TMD10
TMD11
Input clock period and
input clock source
R40/EVND (external event input)
TMD13
0
1
Free-running/reload
timer selection
Free-running timer
Reload timer
Figure 41 Timer Mode Register D1 (TMD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com