Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp HD404324FS Datasheet HTML 95Page - Renesas Technology Corp HD404324FS Datasheet HTML 96Page - Renesas Technology Corp HD404324FS Datasheet HTML 97Page - Renesas Technology Corp HD404324FS Datasheet HTML 98Page - Renesas Technology Corp HD404324FS Datasheet HTML 99Page - Renesas Technology Corp HD404324FS Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
HD404054 Series/HD404094 Series
94
Serial Interface Timing Characteristics (HD404052, HD404054, HD404092, HD404094: V
CC = 1.8 V
to 6.0 V, GND = 0 V, T
a = –20°C to +75°C; HD40A4052, HD40A4054: V CC = 4.0 V to 6.0 V, GND = 0
V, T
a = –20°C to +75°C; HD4074054, HD4074094: VCC = 2.7 V
to 5.5 V, GND = 0 V, T
a = –20°C to
+75
°C, unless otherwise specified)
During Transmit Clock Output
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Note
Transmit clock
cycle time
t
Scyc
SCK
1
1—
—
t
cyc
Load shown in
figure 73
1
Transmit clock
high width
t
SCKH
SCK
1
0.5
—
—
t
Scyc
Load shown in
figure 73
1
Transmit clock
low width
t
SCKL
SCK
1
0.5
—
—
t
Scyc
Load shown in
figure 73
1
Transmit clock
rise time
t
SCKr
SCK
1
—
100
—
ns
Load shown in
figure 73
1, 2
—
—
80
ns
1, 3
Transmit clock
fall time
t
SCKf
SCK
1
—
100
—
ns
Load shown in
figure 73
1, 2
—
—
80
ns
1, 3
Serial output
data delay time
t
DSO
SO
1
—
—
500
ns
Load shown in
figure 73
1, 2
—
—
200
ns
1, 3
Serial input data
setup time
t
SSI
SI
1
300
—
—
ns
1, 2
150
—
—
ns
1, 3
Serial input data
hold time
t
HSI
SI
1
300
—
—
ns
1, 2
150
—
—
ns
1, 3
Note:
1. Refer to figure 72.
2. Applies to HD404052, HD404054, HD404092, HD404094, HD4074054, HD4074094.
3. Applies to HD40A4052, HD40A4054.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com