Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp HD404324FS Datasheet HTML 95Page - Renesas Technology Corp HD404324FS Datasheet HTML 96Page - Renesas Technology Corp HD404324FS Datasheet HTML 97Page - Renesas Technology Corp HD404324FS Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 103 page
background image
HD404054 Series/HD404094 Series
92
AC Characteristics (HD404052, HD404054, HD404092, HD404094: V
CC = 1.8 V to 6.0 V, GND = 0 V,
T
a = –20 °C to +75°C; HD40A4052, HD40A4054: VCC = 4.0 V to 6.0 V, GND = 0 V, Ta = –20°C to
+75
°C; HD4074054, HD4074094: V
CC = 2.7 V
to 5.5 V, GND = 0 V, T
a = –20°C to +75°C, unless
otherwise specified)
Item
Symbol Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Clock oscillation
frequency
f
OSC
OSC
1,
OSC
2
0.4
—
4
MHz
1
0.4
—
8.5
MHz
2
Instruction cycle time
t
cyc
—8
—
µsf
OSC = 4 MHz, ÷32
1, 4
—
3.76
—
µsf
OSC = 8.5 MHz, ÷32
2, 4
—1
—
µsf
OSC = 4 MHz, ÷4
1, 3
—
0.47
—
µsf
OSC = 8.5 MHz, ÷4
2, 3
Oscillation stabilization
time (ceramic)
t
RC
OSC
1,
OSC
2
—
—
7.5
ms
V
CC = 2.7 V to 5.5 V:
HD4074054, HD4074094
3, 4
V
CC = 2.7 V to 6.0 V:
HD404052, HD404054,
HD404092, HD404094
—
—
60
ms
V
CC = 1.8 V to 2.7 V:
HD404052, HD404054,
HD404092, HD404094
—
—
7.5
ms
V
CC = 4.0 V to 6.0 V:
HD40A4052,HD40A4054
5, 6
External clock high
width
t
CPH
OSC
1
105
—
—
ns
1, 7
49
—
—
ns
2, 7
External clock low width t
CPL
OSC
1
105
—
—
ns
1, 7
49
—
—
ns
2, 7
External clock rise time
t
CPr
OSC
1
—
—
20
ns
1, 7
—
—
10
ns
2, 7
External clock fall time
t
CPf
OSC
1
—
—
20
ns
1, 7
—
—
10
ns
2, 7
INT
0, INT1, EVND high
width
t
IH
INT
0, INT1,
EVND
2—
—
t
cyc
8
INT
0, INT1, EVND low
width
t
IL
INT
0, INT1,
EVND
2—
—
t
cyc
8
RESET low width
t
RSTL
RESET
2—
—
t
cyc
9
STOPC low width
t
STPL
STOPC
1—
—
t
RC
10
RESET rise time
t
RSTr
RESET
—
—
20
ms
9
STOPC rise time
t
STPr
STOPC
—
—
20
ms
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com