Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 85Page - Renesas Technology Corp HD404324FS Datasheet HTML 86Page - Renesas Technology Corp HD404324FS Datasheet HTML 87Page - Renesas Technology Corp HD404324FS Datasheet HTML 88Page - Renesas Technology Corp HD404324FS Datasheet HTML 89Page - Renesas Technology Corp HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
HD404054 Series/HD404094 Series
87
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Supply voltage
V
CC
–0.3 to +7.0
V
Programming voltage
V
PP
–0.3 to +14.0
V
1
Pin voltage
V
T
–0.3 to V
CC + 0.3
V
–0.3 to +15.0
V
2
Total permissible input current
∑I
o
80
mA
3
Total permissible output current
–
∑I
o
50
mA
4
Maximum input current
I
o
4
mA
5, 6
30
mA
5, 7
Maximum output current
–I
o
4
mA
8, 9
20
mA
8, 10
Operating temperature
T
opr
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Notes: Permanent damage may occur if these absolute maximum ratings are exceeded. Normal operation
must be under the conditions stated in the electrical characteristics tables. If these conditions are
exceeded, the LSI may malfunction or its reliability may be affected.
1. Applies to D
13 (VPP) of HD4074054 and HD4074094.
2. Applies to D
4 to D7 of HD404092, HD404094, and HD4074094.
3. The total permissible input current is the total of input currents simultaneously flowing in from all
the I/O pins to GND.
4. The total permissible output current is the total of output currents simultaneously flowing out from
V
CC to all I/O pins.
5. The maximum input current is the maximum current flowing from each I/O pin to GND.
6. Applies to D
0–D 3, and R0–R4.
7. Applies to D
4–D 9 .
8. The maximum output current is the maximum current flowing out from V
CC to each I/O pin.
9. Applies to D
4–D 9 and R0–R4.
10. Applies to D
0–D 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com