Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 12Page - Renesas Technology Corp HD404324FS Datasheet HTML 13Page - Renesas Technology Corp HD404324FS Datasheet HTML 14Page - Renesas Technology Corp HD404324FS Datasheet HTML 15Page - Renesas Technology Corp HD404324FS Datasheet HTML 16Page - Renesas Technology Corp HD404324FS Datasheet HTML 17Page - Renesas Technology Corp HD404324FS Datasheet HTML 18Page - Renesas Technology Corp HD404324FS Datasheet HTML 19Page - Renesas Technology Corp HD404324FS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
HD404054 Series/HD404094 Series
14
Table 1
Initial Values After MCU Reset
Item
Abbr.
Initial
Value
Contents
Program counter
(PC)
$0000
Indicates program execution point from start
address of ROM area
Status flag
(ST)
1
Enables conditional branching
Stack pointer
(SP)
$3FF
Stack level 0
Interrupt
Interrupt enable flag
(IE)
0
Inhibits all interrupts
flags/mask
Interrupt request flag
(IF)
0
Indicates there is no interrupt request
Interrupt mask
(IM)
1
Prevents (masks) interrupt requests
I/O
Port data register
(PDR)
All bits 1 Enables output at level 1
Data control register
(DCD0 –
DCD2)
All bits 0 Turns output buffer off (to high impedance)
(DCR0–
DCR4)
All bits 0
Port mode register A
(PMRA)
- - 00
Refer to description of port mode register A
Port mode register B
(PMRB)
- - - 0
Refer to description of port mode register B
Port mode register C
bits 3, 2, 1
(PMRC3,
PMRC2,
PMRC1)
000 -
Refer to description of port mode register C
Detection edge select
register 2
(ESR2)
00 - -
Disables edge detection
Timer/
Timer mode register A
(TMA)
- 000
Refer to description of timer mode register A
counters,
Timer mode register C1 (TMC1)
0000
Refer to description of timer mode register C1
serial
Timer mode register C2 (TMC2)
- 000
Refer to description of timer mode register C2
interface
Timer mode register D1 (TMD1)
0000
Refer to description of timer mode register D1
Timer mode register D2 (TMD2)
0000
Refer to description of timer mode register D2
Serial mode register 1A (SM1A)
0000
Refer to description of serial mode register 1A
Serial mode register 1B (SM1B)
- - X0
Refer to description of serial mode register 1B
Prescaler S
(PSS)
$000
—
Timer counter A
(TCA)
$00
—
Timer counter C
(TCC)
$00
—
Timer counter D
(TCD)
$00
—
Timer write register C
(TWCU,
TWCL)
$X0
—
Timer write register D
(TWDU,
$X0
—
Octal counter
TWDL)
000
—
Comparator
Compare enable
register
(CER)
0 - 00
Refer to description of voltage comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com