Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 22Page - Renesas Technology Corp HD404324FS Datasheet HTML 23Page - Renesas Technology Corp HD404324FS Datasheet HTML 24Page - Renesas Technology Corp HD404324FS Datasheet HTML 25Page - Renesas Technology Corp HD404324FS Datasheet HTML 26Page - Renesas Technology Corp HD404324FS Datasheet HTML 27Page - Renesas Technology Corp HD404324FS Datasheet HTML 28Page - Renesas Technology Corp HD404324FS Datasheet HTML 29Page - Renesas Technology Corp HD404324FS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
HD404054 Series/HD404094 Series
24
Reset by
RESET input or
by watchdog timer
fOSC:
ø
CPU:
ø
PER:
Oscillate
Stop
fcyc
fOSC:
ø
CPU:
ø
PER:
Oscillate
fcyc
fcyc
fOSC:
ø
CPU:
ø
PER:
Standby mode
(TMA3 = 0)
SBY
Interrupt
fOSC:
fcyc:
Main oscillation
frequency
f
/4 or or f
/32
(hardware selectable)
OSC
System clock
Clock for other
peripheral functions
Active
mode
ø
CPU:
ø:
PER
RESET1
RESET2
RAME = 0
RAME = 1
STOPC
STOP
OSC
Stop
Stop
Stop
Stop mode
Figure 11 MCU Status Transitions
Active Mode: All MCU functions operate according to the clock generated by the system oscillators OSC
1
and OSC
2.
Standby Mode: In standby mode, the oscillators continue to operate, but the clocks related to instruction
execution stop. Therefore, the CPU operation stops, but all RAM and register contents are retained, and the
D or R port status, when set to output, is maintained. Peripheral functions such as interrupts, timers, and
serial interface continue to operate. The power dissipation in this mode is lower than in active mode
because the CPU stops.
The MCU enters standby mode when the SBY instruction is executed in active mode.
Standby mode is terminated by a
RESET input or an interrupt request. If it is terminated by RESET input,
the MCU is reset as well. After an interrupt request, the MCU enters active mode and executes the next
instruction after the SBY instruction. If the interrupt enable flag is 1, the interrupt is then processed; if it is
0, the interrupt request is left pending and normal instruction execution continues. A flowchart of
operation in standby mode is shown in figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com