Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 13Page - Renesas Technology Corp HD404324FS Datasheet HTML 14Page - Renesas Technology Corp HD404324FS Datasheet HTML 15Page - Renesas Technology Corp HD404324FS Datasheet HTML 16Page - Renesas Technology Corp HD404324FS Datasheet HTML 17Page - Renesas Technology Corp HD404324FS Datasheet HTML 18Page - Renesas Technology Corp HD404324FS Datasheet HTML 19Page - Renesas Technology Corp HD404324FS Datasheet HTML 20Page - Renesas Technology Corp HD404324FS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
HD404054 Series/HD404094 Series
15
Item
Abbr.
Initial
Value
Contents
Bit register
Watchdog timer on flag
(WDON) 0
Refer to description of timer C
Input capture status flag (ICSF)
0
Refer to description of timer D
Input capture error flag
(ICEF)
0
Refer to description of timer D
Others
Miscellaneous register
(MIS)
00 - -
Refer to description of operating modes, and
oscillator circuit
Notes: 1. The statuses of other registers and flags after MCU reset are shown in the following table.
2. X indicates invalid value. – indicates that the bit does not exist
Item
Abbr.
Status After
Cancellation of Stop
Mode by
STOPC Input
Status After
Cancellation of Stop
Mode by MCU Reset
Status After all Other
Types of Reset
Carry flag
(CA)
Pre-stop-mode values are not guaranteed;
values must be initialized by program
Pre-MCU-reset values
are not guaranteed;
values must be
initialized by program
Accumulator
(A)
B register
(B)
W register
(W)
X/SPX register
(X/SPX)
Y/SPY register
(Y/SPY)
Serial data register
(SRL, SRU)
RAM
Pre-stop-mode values are retained
RAM enable flag
(RAME)
1
0
0
Port mode register 1
bit 2
(PMRC12)
Pre-stop-mode values
are retained
00
Interrupts
The MCU has 6 interrupt sources: Two external signals (
INT
0, INT1), Three timer/counters (timers A, C,
and D), and one serial interface (serial 1).
An interrupt request flag (IF), interrupt mask (IM), and vector address are provided for each interrupt
source, and an interrupt enable flag (IE) controls the entire interrupt process.
Interrupt Control Bits and Interrupt Processing: Locations $000 to $003 and $020 to $021 in RAM are
reserved for the interrupt control bits which can be accessed by RAM bit manipulation instructions.
The interrupt request flag (IF) cannot be set by software. MCU reset initializes the interrupt enable flag
(IE) and the IF to 0 and the interrupt mask (IM) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com