Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 95Page - Renesas Technology Corp HD404324FS Datasheet HTML 96Page - Renesas Technology Corp HD404324FS Datasheet HTML 97Page - Renesas Technology Corp HD404324FS Datasheet HTML 98Page - Renesas Technology Corp HD404324FS Datasheet HTML 99Page - Renesas Technology Corp HD404324FS Datasheet HTML 100Page - Renesas Technology Corp HD404324FS Datasheet HTML 101Page - Renesas Technology Corp HD404324FS Datasheet HTML 102Page - Renesas Technology Corp HD404324FS Datasheet HTML 103Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
HD404054 Series/HD404094 Series
99
HD40(A)4052/HD40(A)4054 Option List
Please check off the appropriate applications and enter the necessary information.
2. ROM code media
Date of order
Customer
Department
Name
ROM code name
LSI number
EPROM:
Ceramic oscillator
Crystal oscillator
External clock
f =
MHz
f =
MHz
f =
MHz
3. Oscillator for OSC1 and OSC2
The upper bits and lower bits are mixed together. The upper five bits and lower five bits
are programmed to the same EPROM in alternating order (i.e., LULULU...).
EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are
programmed to different EPROMS.
HD404052: 2-kword
HD404054: 4-kword
HD40A4052: 2-kword
HD40A4054: 4-kword
1. ROM size
DP-42S
FP-44A
5. Package
Please specify the first type below (the upper bits and lower bits are mixed together), when using
the EPROM on-package microcomputer type (including ZTAT™ version).
Used
Not used
4. Stop mode
//



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com