Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 207Page - Renesas Technology Corp M16C/1N Datasheet HTML 208Page - Renesas Technology Corp M16C/1N Datasheet HTML 209Page - Renesas Technology Corp M16C/1N Datasheet HTML 210Page - Renesas Technology Corp M16C/1N Datasheet HTML 211Page - Renesas Technology Corp M16C/1N Datasheet HTML 212Page - Renesas Technology Corp M16C/1N Datasheet HTML 213Page - Renesas Technology Corp M16C/1N Datasheet HTML 214Page - Renesas Technology Corp M16C/1N Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 199 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
(1) Example for Processing Pins when Using Standard Serial Input/Output Mode
Figure 19.14 and 19.15 show example for processing pins when using standard serial I/O mode 1 and
mode 2, respectively. Control pins will vary according to programmer, therefore refer to the program-
mer manual for more information.
Note that when using standard serial I/O mode 2, make sure a main clock input oscillation frequency
is set to 10 or 16 MHz.
(1) Control pins and external circuitry will vary according to programmer.
For more information, refer to the programmer manual.
(2) In this example, modes are switched between single-chip mode and standard serial
I/O mode by controlling the CNVss input with a switch.
(3) If in standard serial I/O mode 1 there is a possibility that the user reset signal will go
low during serial I/O mode, break the connection between the user reset signal and
RESET pin by using, for example, a jumper switch.
(P17)BUSY
(P16)SCLK
(P14)TXD
CNVss
Clock input
BUSY output
Reset input
Data output
CE(P31)
Microcomputer
SEL(P30)
CRx
CTx
RESET
User reset
signal
CAN transceiver
CAN H
CAN H
CAN L
CAN L
(P15)RxD
Data input
Figure 19.14 Example for processing pins when using standard serial I/O mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com