Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 205Page - Renesas Technology Corp M16C/1N Datasheet HTML 206Page - Renesas Technology Corp M16C/1N Datasheet HTML 207Page - Renesas Technology Corp M16C/1N Datasheet HTML 208Page - Renesas Technology Corp M16C/1N Datasheet HTML 209Page - Renesas Technology Corp M16C/1N Datasheet HTML 210Page - Renesas Technology Corp M16C/1N Datasheet HTML 211Page - Renesas Technology Corp M16C/1N Datasheet HTML 212Page - Renesas Technology Corp M16C/1N Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 197 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Pin
Description
Name
I/O
Apply the voltage guaranteed for program and erase to Vcc pin and 0 V to
Vss pin.
Connect a capacitor (0.1
µF) to VSS pin.
Connect to VCC pin
Reset input pin. While RESET pin is "L" level, input a 20 cycle or longer clock
to XIN pin.
Connect a ceramic resonator or crystal oscillator between XIN and XOUT pins.
To input an externally generated clock, input it to XIN pin and open XOUT pin.
Enter the reference voltage for AD from this pin. Connect to VCC or VSS pin.
Input "H" or "L" level signal or open.
Input "H" or "L" level signal or open.
Serial data output pin (Note 1)
Serial data input pin
Standard serial I/O mode 1: Serial clock input pin.
Standard serial I/O mode 2: Input "L" level signal.
Standard serial I/O mode 1: BUSY signal output pin
Standard serial I/O mode 2: Monitors the boot program operation check signal
output pin.
Input "H" or "L" level signal or open.
SEL signal input pin. Input "L" level signal.
CE signal input pin. Input "H" level signal.
Input "H" or "L" level signal or open.
Input "H" or "L" level signal or open.
Input "H" or "L" level signal or open.
VCC, VSS
IVCC
CNVSS
RESET
XIN
XOUT
VREF
P00 to P07
P10 to P13
P14
P15
P16
P17
P20, P21
P30
P31
P32 to P37
P40 to P47
P50 to P52
I
I
I
I
I
O
I
I
I
O
I
I
O
I
I
I
I
I
I
Power input
IVCC input
CNVSS input
Reset input
Clock input
Clock output
Reference voltage input
Input port P0
Input port P1
TXD output
RXD input
SCLK input
BUSY output
Input port P2
SEL input
CE input
Input port P3
Input port P4
Input port P5
Table 19.7 Pin functions (Flash memory standard serial I/O mode)
___________
Note 1: When using standard serial I/O mode 1, the TxD pin must be held high while the RESET pin is low.
Therefore, connect this pin to VCC via a resistor. Because this pin is directed for data output after
reset, adjust the pull-up resistance value in the system so that data transfers will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com