Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp M16C/1N Datasheet HTML 204Page - Renesas Technology Corp M16C/1N Datasheet HTML 205Page - Renesas Technology Corp M16C/1N Datasheet HTML 206Page - Renesas Technology Corp M16C/1N Datasheet HTML 207Page - Renesas Technology Corp M16C/1N Datasheet HTML 208Page - Renesas Technology Corp M16C/1N Datasheet HTML 209Page - Renesas Technology Corp M16C/1N Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 194 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Full status check
FMR06 =1
and
FMR07=1?
NO
Command
sequence error
YES
FMR07=0?
YES
Erase error
NO
FMR06=0?
YES
Program error
NO
Full status check completed
(1) Execute the clear status register command to clear
these status flags to "0".
(2) Reexecute the command after checking that it is
entered correctly.
(1) Execute the clear status register command to clear
the erase status flag to "0".
(2) Reexecute the block erase command.
(3) Repeat the operation executing (1) and (2) at least
3 times until the error is eliminated.
Note 1: If the error still occurs, the block in error
cannot be used.
[During programming]
(1) Execute the clear status register command to clear
the erase status flag to "0".
(2) Reexecute the program command.
Note 2: If the error still occurs, the block in error
cannot be used.
Note 3: If FMR06 or FMR07 = 1, the program, or block erase command is not accepted.
Execute the clear status register command before executing those commands.
Figure 19.12 Full status check flowchart, handling each error generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com