Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp M16C/1N Datasheet HTML 204Page - Renesas Technology Corp M16C/1N Datasheet HTML 205Page - Renesas Technology Corp M16C/1N Datasheet HTML 206Page - Renesas Technology Corp M16C/1N Datasheet HTML 207Page - Renesas Technology Corp M16C/1N Datasheet HTML 208Page - Renesas Technology Corp M16C/1N Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 193 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
19.5.6 Full Status Check
When an error occurs, the FMR0 register's FMR06 to FMR07 bits are set to "1", indicating occurrence
of each specific error. Therefore, execution results can be verified by checking these status bits (full
status check).
Table 19.6 lists errors and FMR0 register status. Figure 19.12 shows a full status check flowchart and
the action to be taken when each error occurs.
Table 19.6 Errors and FMR0 register status
FRM00 register
(status register)
status
Error
Error occurrence condition
FMR07
FMR06
(SR5)
(SR4)
11
Command
• When any command is not written correctly
sequence error • When invalid data was written other than those that can be writ-
ten in the second bus cycle of the block erase command (i.e.,
other than 'xxD016' or 'xxFF16') (Note 1)
10
Erase error
• When the block erase command was executed on locked blocks
but the blocks were not automatically erased correctly.
01
Program error
• When the program command was executed on unlocked blocks
but the blocks were not automatically programmed correctly.
Note 1: Writing 'xxFF16' in the first bus cycle places the microcomputer in read array mode.
Simultaneously, the command code written in the first cycle becomes invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com