Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp M16C/1N Datasheet HTML 204Page - Renesas Technology Corp M16C/1N Datasheet HTML 205Page - Renesas Technology Corp M16C/1N Datasheet HTML 206Page - Renesas Technology Corp M16C/1N Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 191 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Figure 19.11 Block erase flowchart (when using the erasure suspend feature)
Write ’xxD016’ to uppermost block
address (Note1)
FMR40=1
FMR41=1
FMR41=0
Start
Block erase completed
YES
NO
Write the command code ’xx2016’
(Note 1)
Access to flash memory
FMR00=1?
Full status check (Note 2, 3)
Interrupt (Note 4)
REIT
YES
NO
FMR46=1?
Access to flash memory
Interrupt (Note 4)
REIT
Write ’xxD016’ to the uppermost
block address (Note 1)
Start
(EW1 mode)
(EW0 mode)
Block erase completed
YES
NO
Write the command code ’xx2016’
(Note 1)
FMR00=1?
FMR40=1
FMR41=0
Full status check (Note 2, 3)
Note 1: Write the command code and data at even number.
Note 2: See Figure 19.12 Full status check flowchart, handling each error generated.
Note 3: When the erase error occurred, repeat the operation executing the clear status register
command and then the block erase command in succession at least 3 times until the error is
eliminated.
Note 4: In EW0 mode, allocate the interrupt vector table of used interrupt to the internal RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com