Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 187 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
(7) Wait mode
When shifting to wait mode, set the FMR01 bit to "0" (CPU rewrite mode disabled) before executing
the WAIT instruction.
(8) Stop mode
When shifting to stop mode, the following settings are required:
• Set the FMR01 bit to "0" (CPU rewrite mode disabled) and setting the CM10 bit to "1" (stop mode).
• Execute the JMP.B instruction subsequent to the instruction which sets the CM10 bit to "1" (stop
mode)
Example program
BSET
0, CM1
; Stop mode
JMP.B
L1
L1:
Program after returning from stop mode
(9) Low power dissipation mode, on-chip oscillator low power dissipation mode
If the CM05 bit is set to "1" (main clock stop), the following commands must not be executed.
• Program
• Block erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com