Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 191Page - Renesas Technology Corp M16C/1N Datasheet HTML 192Page - Renesas Technology Corp M16C/1N Datasheet HTML 193Page - Renesas Technology Corp M16C/1N Datasheet HTML 194Page - Renesas Technology Corp M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 183 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Execute the read array command (Note 3)
Single-chip mode
Set CM0, CM1, and PM1 registers (Note 1)
Execute software commands
Jump to the rewrite control program which has been
transferred to any area other than the flash memory
(The subsequent processing is executed by the
rewrite control program in any area other than the
flash memory)
Transfer a CPU rewrite mode based rewrite control
program to any area other than the flash memory
Write "0" to the FMR01 bit
(CPU rewrite mode disabled)
Set the FMR01 bit by writing "0" and then "1"
(CPU rewrite mode enabled) (Note 2)
For only boot mode
Set the FMR05 bit to "1"
(User ROM area access)
EW0 mode operation procedure
Rewrite control program
Jump to a specified address in the flash memory
For only boot mode
Write "0" to the FMR05 bit
(Boot ROM area accessed) (Note 4)
Note 1: Select 10 MHz or less for CPU clock using the CM0 register’s CM06 bit and CM1 register’s CM17 to 6 bits.
Also, set the PM1 register’s PM17 bit to "1" (with wait state).
Note 2: To set the FMR01 bit to "1", write "0" and then "1" in succession. Make sure no interrupts will occur before
writing "1" after writing "0".
Write to the FMR01 bit by a program in a memory area other than the flash memory.
Note 3: Disables the CPU rewrite mode after executing the read array command.
Note 4: User ROM area is accessed when the FMR05 bit is set to "1".
Figure 19.6 Setting and resetting of EW0 mode
Figure 19.6 and 19.7 show the setting and resetting of EW0 mode and EW1 mode, respectively. Figure
19.8 shows the processing before and after low power dissipation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com