Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 189Page - Renesas Technology Corp M16C/1N Datasheet HTML 190Page - Renesas Technology Corp M16C/1N Datasheet HTML 191Page - Renesas Technology Corp M16C/1N Datasheet HTML 192Page - Renesas Technology Corp M16C/1N Datasheet HTML 193Page - Renesas Technology Corp M16C/1N Datasheet HTML 194Page - Renesas Technology Corp M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 181 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Flash memory control register 0
Symbol
Address
After reset
FMR0
01B716
XX0000012
b7
b6
b5
b4
b3
b2 b1
b0
FMR00
Bit symbol
Bit name
RW
0 : Busy (being written or erased)
1 : Ready
CPU rewrite mode select bit
(Note 1)
0 : Disables CPU rewrite mode
1 : Enables CPU rewrite mode
FMR01
Block 0, 1
rewrite-enable bit (Note 2)
0 : Disables rewriting
1 : Enables rewriting
Flash memory stop bit
(Note 3, 4)
FMR02
FMSTP
0
0
RY/BY status flag
Reserved bit
Set to "0"
0 : Terminated normally
1 : Terminated in error
Program status flag (Note 5)
FMR06
0 : Terminated normally
1 : Terminated in error
Erase status flag (Note 5)
FMR07
Function
RW
RW
RW
RW
RO
RO
0 : Boot ROM area is accessed
1 : User ROM area is accessed
User ROM area select bit
(Effective in only boot mode)
(Note 3)
FMR05
RW
RO
(b4)
0 : Enables flash memory operation
1 : Stops flash memory operation
(placed in low power mode,
flash memory initialized)
Note 1: When setting this bit to "1", write a "0" and then a "1" in to it in succession. Make sure no interrupts will occur
before completion of these two write operations.
In EW0 mode, write this bit by a program placed to an area other than internal flash memory.
Set this bit to "0" after placing in read array mode.
Note 2: When setting this bit to "1", write a "0" and then a "1" in to it in succession while the FMR01 bit is "1". Make sure
no interrupts will occur before completion of these two write operations.
Note 3: Write this bit by a program placed to an area other than internal flash memory.
Note 4: This bit is valid when the FMR01 bit is "1" (CPU rewrite mode). When the FMR01 bit is "0", although the FMSTP
bit can be set to "1" by writing "1" in a program, the flash memory is not initialized.
Note 5: This bit is cleared to "0" by executing the clear status command.
Figure 19.4 FMR0 Register
(11) FMR 41bit
In EW0 mode, when setting the FMR41 bit to "1" by software during auto erasing, the microcomputer
shifts to the erasure-suspend mode.
In EW1 mode, when occurring the enabled interrupt request, the FMR 41bit changes to "1" (Suspend-
request) automatically and the microcomputer shifts to the erasure-suspend mode.
Setting the FMR41 bit to "0" (Erase restart), auto erasing is resumed.
(12) FMR46bit
The FMR46 bit is "0" during auto erasing and is "1" during the erasure-suspend mode.
The internal flash memory is banned to access while the FMR41 bit is "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com