Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 193Page - Renesas Technology Corp M16C/1N Datasheet HTML 194Page - Renesas Technology Corp M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 185 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Figure 19.8 Processing before and after low power dissipation mode
Turn XIN on
Transfer a low power dissipation mode program
to any area other than the flash memory
Switch the clock source for CPU clock.
Turn XIN off. (Note 2)
Jump to the low power dissipation mode program
which has been transferred to any area other than
the flash memory.
(The subsequent processing is executed by a
program in any area other than the flash memory.)
Wait until the flash memory circuit stabilizes
(10
µs) (Note 3)
Set the FMSTP bit to "0" (flash memory operation)
Set FMSTP bit to "1"
(flash memory stopped. Low power state) (Note 1)
Process of low power dissipation mode or
on-chip oscillator low power dissipation mode
switch the clock source for CPU clock (Note 2)
Low power dissipation
mode program
Write "0" to the FMR01 bit
(CPU rewrite mode disabled)
Set the FMR01 bit by writing "0" and then "1"
(CPU rewrite mode enabled)
Jump to a specified address in the flash memory
wait until oscillation stabilizes
Note 1: Set the FMSTP bit to "1" after setting the FMR01 bit to "1".
Note 2: Before the clock source for CPU clock can be changed, the clock to which to be changed must be stable.
Note 3: Insert a 10
µs wait time in a program. The flash memory cannot be accessed during this wait time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com