Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 194Page - Renesas Technology Corp M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 186 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
19.5.3 Precautions on CPU Rewrite Mode
Described below are the precautions to be observed when rewriting the flash memory in CPU rewrite
mode.
(1) Operation speed
Before entering CPU rewrite mode (EW0 or EW1 mode), select 10 MHz or less for BCLK using the
CM0 register's CM06 bit and CM1 register's CM17–6 bits. Also, set the PM1 register's PM17 bit to "1"
(with wait state).
(2) Instructions inhibited against use
In EW0 mode, the following instructions cannot be used because the flash memory's internal data is
referenced: UND instruction, INTO instruction, JMPS instruction, JSRS instruction, and BRK instruc-
tion
(3) Interrupts
EW0 mode
• Any interrupt which has a vector in the variable vector table can be used providing that its vector is
transferred into the RAM area.
• The watchdog timer interrupt can be used because the FMR0 register and FMR1 register are
initialized when one of those interrupts occurs. However, it is necessary that the jump addresses
for those interrupts are set in the fixed vector table, and that interrupt service routines are available
for those interrupts.
Because the rewrite operation is halted when a watchdog timer interrupt occurs, the FMR01 bit
must be set back to "1" again in order to enable erase or programming operation after exiting the
interrupt service routine.
• The address match interrupt cannot be used because the flash memory's internal data is refer-
enced.
EW1 mode
• Make sure that any interrupt which has a vector in the variable vector table or address match
interrupt will not be accepted during the auto program or auto erase period.
(4) How to access
To set the FMR01, FMR02, or FMR11 bit to "1", write "0" and then "1" in succession. This is necessary
to ensure that no interrupts will occur before writing "1" after writing "0".
(5) Writing in the user ROM area
If the power supply voltage drops while rewriting in EW0 mode any block in which the rewrite control
program is stored, a problem may occur that the rewrite control program is not correctly rewritten and,
consequently, the flash memory becomes unable to be rewritten thereafter. It is recommended that
such a block be rewritten using standard serial I/O, CAN I/O or parallel I/O mode.
(6) Writing command and data
Write the command code and data at even addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com