Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp M16C/1N Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 188 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
19.5.4 Software Commands
Software commands are described below. The command code and data must be read and written in
16 bit units, to and from even addresses in the user ROM area. When writing command code, the 8
high-order bits (D15-D8) are ignored.
Table 19.4 shows the list of software commands.
Table 19.4 List of software commands
(1) Read array
This command reads the flash memory.
Writing 'xxFF16' in the first bus cycle places the microcomputer in read array mode. Enter the read
address in the next or subsequent bus cycles, and the content of the specified address can be read in
16 bit units.
Because the microcomputer remains in read array mode until another command is written, the con-
tents of multiple addresses can be read in succession.
(2) Read status register
This command reads the status register.
Write 'xx7016' in the first bus cycle, and the status register can be read in the second bus cycle (refer
to 19.5.5 Status Register). When reading the status register too, specify an even address in the user
ROM area.
Do not execute this command in EW1 mode.
(3) Clear status register
This command clears the status register to "0".
Write 'xx5016' in the first bus cycle, and the FMR0 register's FMR06 to FMR07 bits and the status
register's SR4 to SR5 will be cleared to "0".
Software Command
Program
Clear status register
Read array
Read status register
First bus cycle
Second bus cycle
Block erase
Write
Write
Write
Write
Write
Mode
Read
Write
Write
Mode
X
WA
BA
Address
SRD
WD
xxD016
Data
(D15-D0)
xxFF16
xx7016
xx5016
xx4016
xx2016
Data
(D15-D0)
X
X
X
WA
X
Address
SRD: Status register data (D7-D0)
WA: Write address (even address, however)
WD: Write data (16 bits)
BA: Uppermost block address (even address, however)
X: Any even address in the user ROM area
x: High-order 8 bits of command code (ignored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com