Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 200Page - Renesas Technology Corp M16C/1N Datasheet HTML 201Page - Renesas Technology Corp M16C/1N Datasheet HTML 202Page - Renesas Technology Corp M16C/1N Datasheet HTML 203Page - Renesas Technology Corp M16C/1N Datasheet HTML 204Page - Renesas Technology Corp M16C/1N Datasheet HTML 205Page - Renesas Technology Corp M16C/1N Datasheet HTML 206Page - Renesas Technology Corp M16C/1N Datasheet HTML 207Page - Renesas Technology Corp M16C/1N Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 192 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Status
register
bit
SR4 (D4)
SR5 (D5)
SR7 (D7)
SR6 (D6)
Status name
Contents
SR1 (D1)
SR2 (D2)
SR3 (D3)
SR0 (D0)
Program status
Erase status
Sequencer status
Reserved
Reserved
Reserved
Reserved
"1"
Ready
Terminated in error
Terminated in error
-
-
-
-
-
"0"
Busy
Terminated normally
Terminated normally
-
-
-
-
-
Reserved
FMR0
register
bit
Value
after
reset
FMR00
FMR07
FMR06
1
0
0
19.5.5 Status Register
The status register indicates the operating status of the flash memory and whether an erase or pro-
gramming operation terminated normally or in error. The status of the status register can be known by
reading the FMR0 register's FMR00, FMR06, and FMR07 bits.
Table 19.5 shows the status register.
In EW0 mode, the status register can be read in the following cases:
• When a given even address in the user ROM area is read after writing the Read Status Register
command
• When a given even address in the user ROM area is read after executing the program, or block erase
command but before executing the read array command.
(1) Sequencer status (SR7 and FMR00 bits )
The sequence status indicates the operating status of the flash memory. SR7 = 0 (busy) during auto
programming and auto erase is set to "1" (ready) at the same time the operation finishes.
(2) Erase status (SR5 and FMR07 bits)
Refer to 19.5.6 Full status check.
(3) Program status (SR4 and FMR06 bits)
Refer to 19.5.6 Full status check.
• The FMR07 bit (SR5) and FMR06 bit (SR4) are cleared to "0" by executing the clear status register
command.
• When the FMR07 bit (SR5) or FMR06 bit (SR4) = 1, the program, block and erase commands are not
accepted.
• D0-D7: Indicates the data bus which is read out when the read status register command is executed.
Table 19.5 Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com