Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 192Page - Renesas Technology Corp M16C/1N Datasheet HTML 193Page - Renesas Technology Corp M16C/1N Datasheet HTML 194Page - Renesas Technology Corp M16C/1N Datasheet HTML 195Page - Renesas Technology Corp M16C/1N Datasheet HTML 196Page - Renesas Technology Corp M16C/1N Datasheet HTML 197Page - Renesas Technology Corp M16C/1N Datasheet HTML 198Page - Renesas Technology Corp M16C/1N Datasheet HTML 199Page - Renesas Technology Corp M16C/1N Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 184 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Figure 19.7 Setting and resetting of EW1 mode
Single-chip mode
Set CM0, CM1, and PM1 registers (Note 1)
Set the FMR01 bit by writing "0" and then "1" (CPU
rewrite mode enabled)
Set the FMR11 bit by writing "0" and then "1" (EW1
mode) (Note 2)
Program in ROM
EW1 mode operation procedure
Execute software commands
Write "0" to the FMR01 bit
(CPU rewrite mode disabled)
Note 1: Select 10 MHz or less for CPU clock using the CM0 register’s CM06 bit and CM1
register’s CM17 to 6 bits. Also, set the PM1 register’s PM17 bit to "1" (with wait
state).
Note 2: To set the FMR01 bit to "1", write "0" and then "1" in succession. Make sure no
interrupts will occur before writing "1" after writing "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com