Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp SH7708 Datasheet HTML 377Page - Renesas Technology Corp SH7708 Datasheet HTML 378Page - Renesas Technology Corp SH7708 Datasheet HTML 379Page - Renesas Technology Corp SH7708 Datasheet HTML 380Page - Renesas Technology Corp SH7708 Datasheet HTML 381Page - Renesas Technology Corp SH7708 Datasheet HTML 382Page - Renesas Technology Corp SH7708 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 633 page
background image
361
Table 13.5
Bit Rates and SCBRR Settings in Synchronous Mode
P
φ (MHz)
Bit Rate
4
8
16
28.7
30
(Bit/s)
n
N
n
N
n
N
n
N
n
N
110
————
——————
250
2
249
3
124
3
249
————
500
2
124
2
249
3
124
3
223
3
233
1k
1
249
2
124
2
249
3
111
3
116
2.5k
1
99
1
199
2
99
2
178
2
187
5k
0
199
1
99
1
199
2
89
2
93
10k
0
99
0
199
1
99
1
178
1
187
25k
0
39
0
79
0
159
1
71
1
74
50k
0
19
0
39
0
79
0
143
0
149
100k
09019
0
39
0
71
0
74
250k
03070
15
—
—
0
29
500k
01030
7
—
—
0
14
1M
0
0*
0
1
0
3
————
2M
—
—
0
0*
0
1
————
Note:
Settings with an error of 1% or less are recommended.
Legend
Blank: No setting possible
—:
Setting possible, but error occurs
*:
Continuous transmit/receive operation not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com