Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp SH7708 Datasheet HTML 377Page - Renesas Technology Corp SH7708 Datasheet HTML 378Page - Renesas Technology Corp SH7708 Datasheet HTML 379Page - Renesas Technology Corp SH7708 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 633 page
background image
358
Table 13.4
Bit Rates and SCBRR Settings in Asynchronous Mode (cont)
P
φ (MHz)
3
3.6864
4
Bit Rate (Bit/s)
n
N
Error (%) n
N
Error (%) n
N
Error (%)
110
1
212
0.03
2
64
0.70
2
70
0.03
150
1
155
0.16
1
191
0.00
1
207
0.16
300
1
77
0.16
1
95
0.00
1
103
0.16
600
0
155
0.16
0
191
0.00
0
207
0.16
1200
0
77
0.16
0
95
0.00
0
103
0.16
2400
0
38
0.16
0
47
0.00
0
51
0.16
4800
0
19
–2.34
0
23
0.00
0
25
0.16
9600
0
9
–2.34
0
11
0.00
0
12
0.16
19200
0
4
–2.34
0
5
0.00
0
6
–6.99
31250
0
2
0.00
—
—
—
0
3
0.00
38400
—
—
—
0
2
0.00
0
2
8.51
P
φ (MHz)
4.9152
5
6
Bit Rate (Bit/s)
n
N
Error (%) n
N
Error (%) n
N
Error (%)
110
2
86
0.31
2
88
–0.25
2
106
–0.44
150
1
255
0.00
2
64
0.16
2
77
0.16
300
1
127
0.00
1
129
0.16
1
155
0.16
600
0
255
0.00
1
64
0.16
1
77
0.16
1200
0
127
0.00
0
129
0.16
0
155
0.16
2400
0
63
0.00
0
64
0.16
0
77
0.16
4800
0
31
0.00
0
32
–1.36
0
38
0.16
9600
0
15
0.00
0
15
1.73
0
19
–2.34
19200
0
7
0.00
0
7
1.73
0
9
–2.34
31250
0
4
–1.70
0
4
0.00
0
5
0.00
38400
0
3
0.00
0
3
1.73
0
4
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com