Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp SH7708 Datasheet HTML 377Page - Renesas Technology Corp SH7708 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 633 page
background image
356
Bit 1: SPB0IO
Description
0
The SPB0DT bit value is not output to the TxD pin.
(Initial value)
1
The SPB0DT bit value is output to the TxD pin.
Bit 0—Serial Port Break Data (SPB0DT): Specifies the serial port I/O data. Use the SPB0IO bit to
specify input or output of TxD pin. See the description of SPB0IO for details. SPB0DT bit is
output to the TxD pin when specified as output. The RxD pin value is read from the SPB0IO bit
regardless of the SPB0IO bit value. The initial value is undefined.
Bit 0 : SPB0DT
Description
0
I/O data level is low.
(Initial value)
1
I/O data level is high.
Block diagrams of the SCI I/O port pins are shown in figures 15.2 to 15.4 in section 15, I/O Ports.
13.2.9
Bit Rate Register (SCBRR)
The bit rate register (SCBRR) is an 8-bit register that, together with the baud rate generator clock
source selected by the CKS1 and CKS0 bits in the serial mode register (SCSMR), determines the
serial transmit/receive bit rate.
The CPU can always read and write to SCBRR. SCBRR is initialized to H'FF by a reset and in
module standby or standby mode. Each channel has independent baud rate generator control, so
different values can be set in the two channels.
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The SCBRR setting is calculated as follows:
Asynchronous mode: N = [P
φ/(64 × 22n – 1 × B)] × 106 – 1
Synchronous mode: N = [P
φ/(8 × 22n – 1 × B)] × 106 – 1
B: Bit rate (bit/s)
N: SCBRR setting for baud rate generator (0
≤ N ≤ 255)
P
φ: Operating frequency for peripheral modules (MHz)
n: Baud rate generator clock source (n = 0, 1, 2, 3) (for the clock sources and values of n,
see table 13.3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com