Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp SH7708 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 633 page
background image
355
13.2.8
Serial Port Register (SCSPTR)
The serial port register (SCSPTR) is an 8-bit register that the CPU can always read and write. It
controls I/O and data of the port multiplexed with the serial communications interface (SCI) pins.
Input data can be read from the RxD pin and output data can be transmitted to the TxD pin; this
controls breaks for serial transmission and reception.
SCSPTR is initialized to H'00 by a power-on reset. It is not initialized by a manual reset or in
standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
SPB1IO SPB1DT SPB0IO SPB0DT
Initial value:
0
0
0
0
0
—
0
—
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Bits 7 to 4—Reserved: These bits always read 0. The write value should always be 0.
Bit 3—Serial Port Clock Port I/O (SPB1IO): Specifies serial port SCK pin input/output. When the
SCK pin is actually set as a port output pin and outputs the value set by the SPB1DT bit, the C/
A
bit in SCSMR and the CKE1 and CKE0 bits in SCSCR should be cleared to 0.
Bit 3: SPB1IO
Description
0
The SPB1DT value is not output to the SCK pin.
(Initial value)
1
The SPB1DT bit value is output to the SCK pin.
Bit 2—Serial Port Clock Port Data (SPB1DT): Specifies the serial port SCK pin input/output data.
Input or output is specified by the SPB1IO bit (see the description of SPB1IO for details). When
output is specified, the value of the SPB1DT bit is output to the SCK pin. The SCK pin value is
read from the SPB1DT bit regardless of the value of the SPB1IO bit. The initial value of this bit
after a power-on reset is undefined.
Bit 2: SPB1DT
Description
0
I/O data level is low.
(Initial value)
1
I/O data level is high.
Bit 1—Serial Port Break I/O (SPB0IO): Specifies the serial port TxD pin output condition. When
the TxD pin is actually set as a port output pin and outputs the value set by the SPB0DT bit, the
TE bit in SCSCR should be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com