Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 633 page
background image
351
13.2.7
Serial Status Register (SCSSR)
The serial status register (SCSSR) is an 8-bit register containing multiprocessor bit values, and
status flags that indicate the SCI operating status.
The CPU can always read and write to SCSSR, but cannot write 1 in the status flags (TDRE,
RDRF, ORER, PER, and FER). These flags can be cleared to 0 only if they have first been read
(after being set to 1). Bits 2 (TEND) and 1 (MPB) are read-only bits that cannot be written.
SCSSR is initialized to H'84 by a reset and in standby or module standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
Initial value:
1
0
0
0
0
1
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R
R
R/W
Note:
Only 0 can be written, to clear the flag.
Bit 7—Transmit Data Register Empty (TDRE): Indicates that the SCI has loaded transmit data
from SCTDR into SCTSR and new serial transmit data can be written in SCTDR.
Bit 7: TDRE
Description
0
SCTDR contains valid transmit data.
TDRE is cleared to 0 when software reads TDRE after it has been set to 1, then
writes 0 in TDRE, or data is written in SCTDR.
1
SCTDR does not contain valid transmit data.
(Initial value)
TDRE is set to 1 when the chip is reset or enters standby mode, the TE bit in the
serial control register (SCSCR) is cleared to 0, or SCTDR contents are loaded
into SCTSR, so new data can be written in SCTDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com