Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 633 page
background image
348
13.2.6
Serial Control Register (SCSCR)
The serial control register (SCSCR) operates the SCI transmitter/receiver, selects the serial clock
output in asynchronous mode, enables/disables interrupt requests, and selects the transmit/receive
clock source. The CPU can always read and write to SCSCR. SCSCR is initialized to H'00 by a
reset and in standby or module standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7—Transmit Interrupt Enable (TIE): Enables or disables the transmit-data-empty interrupt
(TXI) requested when the transmit data register empty bit (TDRE) in the serial status register
(SCSSR) is set to 1 due to transfer of serial transmit data from SCTDR to SCTSR.
Bit 7: TIE
Description
0
Transmit-data-empty interrupt request (TXI) is disabled.
(Initial value)
The TXI interrupt request can be cleared by reading TDRE after it has
been set to 1, then clearing TDRE to 0, or by clearing TIE to 0.
1
Transmit-data-empty interrupt request (TXI) is enabled.
Bit 6—Receive Interrupt Enable (RIE): Enables or disables the receive-data-full interrupt (RXI)
requested when the receive data register full bit (RDRF) in the serial status register (SCSSR) is set
to 1 due to transfer of serial receive data from SCRSR to SCRDR. It also enables or disables
receive-error interrupt (ERI) requests.
Bit 6: RIE
Description
0
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are disabled.
(Initial value)
RXI and ERI interrupt requests can be cleared by reading the RDRF
flag or error flag (FER, PER, or ORER) after it has been set to 1, then
clearing the flag to 0, or by clearing RIE to 0.
1
Receive-data-full interrupt (RXI) and receive-error interrupt (ERI)
requests are enabled.
Bit 5—Transmit Enable (TE): Enables or disables the SCI serial transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com