Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 633 page
background image
347
Bit 3—Stop Bit Length (STOP): Selects one or two bits as the stop bit length in asynchronous
mode. This setting is used only in asynchronous mode. It is ignored in synchronous mode because
no stop bits are added.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit of
the next incoming character.
Bit 3: STOP
Description
0
One stop bit
(Initial value)
In transmitting, a single 1-bit is added at the end of each transmitted
character.
1
Two stop bits
In transmitting, two 1-bits are added at the end of each transmitted
character.
Bit 2—Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor format is
selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored. The MP bit
setting is used only in asynchronous mode; it is ignored in synchronous mode. For the
multiprocessor communication function, see section 13.3.3, Multiprocessor Communication.
Bit 2: MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected
Bits 1 and 0—Clock Select 1 and 0 (CKS1 and CKS0): These bits select the internal clock source
of the on-chip baud rate generator. Four clock sources are available: P
φ, Pφ/4, Pφ/16 and Pφ/64.
For further information on the clock source, bit rate register settings, and baud rate, see section
13.2.9, Bit Rate Register.
Bit 1: CKS1
Bit 0: CKS0
Description
00P
φ
(Initial value)
1P
φ/4
10P
φ/16
1P
φ/64
Note:
P
φ: Peripheral clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com