Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 633 page
background image
349
Bit 5: TE
Description
0
Transmitter disabled
(Initial value)
The transmit data register empty bit (TDRE) in the serial status register
(SCSSR) is locked at 1.
1
Transmitter enabled
Serial transmission starts when the transmit data register empty (TDRE)
bit in the serial status register (SCSSR) is cleared to 0 after writing of
transmit data into SCTDR. Select the transmit format in SCSMR before
setting TE to 1.
Bit 4—Receive Enable (RE): Enables or disables the SCI serial receiver.
Bit 4: RE
Description
0
Receiver disabled
(Initial value)
Clearing RE to 0 does not affect the receive flags (RDRF, FER, PER,
ORER). These flags retain their previous values.
1
Receiver enabled
Serial reception starts when a start bit is detected in asynchronous
mode, or synchronous clock input is detected in synchronous mode.
Select the receive format in SCSMR before setting RE to 1.
Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE setting is used only in asynchronous mode, and only if the multiprocessor mode bit
(MP) in the serial mode register (SCSMR) is set to 1 during reception. The MPIE setting is
ignored in synchronous mode or when the MP bit is cleared to 0.
Bit 3: MPIE
Description
0
Multiprocessor interrupts are disabled (normal receive operation).
(Initial value)
MPIE is cleared to 0 by writing 0 to it, or when the multiprocessor bit
(MPB) is set to 1 in receive data.
1
Multiprocessor interrupts are enabled.
Receive-data-full interrupt requests (RXI), receive-error interrupt
requests (ERI), and setting of the RDRF, FER, and ORER status flags
in the serial status register (SCSSR) are disabled until data with a
multiprocessor bit of 1 is received.
The SCI does not transfer receive data from SCRSR to SCRDR, does
not detect receive errors, and does not set the RDRF, FER, and ORER
flags in the serial status register (SCSSR). When it receives data that
includes MPB = 1, the SCSSR’s MPB flag is set to 1, and the SCI
automatically clears MPIE to 0, generates RXI and ERI interrupts (if the
TIE and RIE bits in SCSCR are set to 1), and allows the FER and
ORER bits to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com