Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 633 page
background image
352
Bit 6—Receive Data Register Full (RDRF): Indicates that SCRDR contains received data.
Bit 6: RDRF
Description
0
SCRDR does not contain valid received data.
(Initial value)
RDRF is cleared to 0 when the chip is reset or enters standby mode, software
reads RDRF after it has been set to 1, then writes 0 in RDRF, or data is read
from SCRDR.
1
SCRDR contains valid received data.
RDRF is set to 1 when serial data is received normally and transferred from
SCRSR to SCRDR.
Note:
SCRDR and RDRF are not affected by detection of receive errors or by clearing of the RE
bit to 0 in the serial control register. They retain their previous contents. If RDRF is still set
to 1 when reception of the next data ends, an overrun error (ORER) occurs and the receive
data is lost.
Bit 5—Overrun Error (ORER): Indicates that data reception aborted due to an overrun error.
Bit 5: ORER
Description
0
Receiving is in progress or has ended normally.
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the ORER bit,
which retains its previous value.
ORER is cleared to 0 when the chip is reset or enters standby mode or software
reads ORER after it has been set to 1, then writes 0 in ORER.
1
A receive overrun error occurred.
SCRDR continues to hold the data received before the overrun error, so
subsequent receive data is lost. Serial receiving cannot continue while ORER is
set to 1. In synchronous mode, serial transmitting is also disabled.
ORER is set to 1 if reception of the next serial data ends when RDRF is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com