Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 633 page
background image
350
Bit 2—Transmit-End Interrupt Enable (TEIE): Enables or disables the transmit-end interrupt (TEI)
requested if SCTDR does not contain new transmit data when the MSB is transmitted.
Bit 2: TEIE
Description
0
Transmit-end interrupt (TEI) requests are disabled.*
(Initial value)
1
Transmit-end interrupt (TEI) requests are enabled.*
Note: * The TEI request can be cleared by reading the TDRE bit in the serial status register
(SCSSR) after it has been set to 1, then clearing TDRE to 0 and clearing the transmit end
(TEND) bit to 0, or by clearing the TEIE bit to 0.
Bits 1 and 0—Clock Enable 1 and 0 (CKE1 and CKE0): These bits select the SCI clock source
and enable or disable clock output from the SCK pin. Depending on the combination of CKE1 and
CKE0, the SCK pin can be used for serial clock output or serial clock input.
The CKE0 setting is valid only in asynchronous mode, and only when the SCI is internally
clocked (CKE1 = 0). The CKE0 setting is ignored in synchronous mode, or when an external
clock source is selected (CKE1 = 1). Before selecting the SCI operating mode in the serial mode
register (SCSMR), set CKE1 and CKE0. For further details on selection of the SCI clock source,
see table 13.9 in section 13.3, Operation.
Bit 1:
CKE1
Bit 0:
CKE0 Description
0
0
Asynchronous mode
Internal clock, SCK pin used for input pin (input signal is
ignored)
(Initial value)
Synchronous mode
Internal clock, SCK pin used for serial clock output
(Initial value)
1
Asynchronous mode
Internal clock, SCK pin used for clock output*1
Synchronous mode
Internal clock, SCK pin used for serial clock output
1
0
Asynchronous mode
External clock, SCK pin used for clock input*2
Synchronous mode
External clock, SCK pin used for serial clock input
1
Asynchronous mode
External clock, SCK pin used for clock input*2
Synchronous mode
External clock, SCK pin used for serial clock input
Notes: 1. The output clock frequency is the same as the bit rate.
2
The input clock frequency is 16 times the bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com