Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 633 page
background image
346
Bit 6—Character Length (CHR): Selects 7-bit or 8-bit data in asynchronous mode. In synchronous
mode, the data length is always 8 bits, regardless of the CHR setting.
Bit 6: CHR
Description
0
8-bit data
(Initial value)
1
7-bit data. (When 7-bit data is selected, the MSB (bit 7) of the transmit
data register is not transmitted.)
Bit 5—Parity Enable (PE): Selects whether to add a parity bit to transmit data and to check the
parity of receive data, in asynchronous mode. In synchronous mode, a parity bit is neither added
nor checked, regardless of the PE setting.
Bit 5: PE
Description
0
Parity bit not added or checked
(Initial value)
1
Parity bit added and checked. When PE is set to 1, an even or odd
parity bit is added to transmit data, depending on the parity mode (O/
E)
setting. Receive data parity is checked according to the even/odd (O/
E)
mode setting.
Bit 4—Parity Mode (O/
E): Selects even or odd parity when parity bits are added and checked. The
O/
E setting is used only in asynchronous mode and only when the parity enable bit (PE) is set to 1
to enable parity addition and checking. The O/
E setting is ignored in synchronous mode, and in
asynchronous mode when parity addition and checking is disabled.
Bit 4: O/
E
Description
0
Even parity
(Initial value)
If even parity is selected, the parity bit is added to transmit data to make
an even number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an even number of
1s in the received character and parity bit combined.
1
Odd parity
If odd parity is selected, the parity bit is added to transmit data to make
an odd number of 1s in the transmitted character and parity bit
combined. Receive data is checked to see if it has an odd number of 1s
in the received character and parity bit combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com