Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 633 page
background image
342
• Internal or external transmit/receive clock source: From either baud rate generator (internal) or
SCK pin (external)
• Four types of interrupts: Transmit-data-empty, transmit-end, receive-data-full, and receive-
error interrupts are requested independently.
• When the SCI is not in use, it can be stopped by halting the clock supplied to it, saving power.
13.1.2
Block Diagram
Figure 13.1 shows a block diagram of the SCI.
RxD
TxD
SCK
SCI
SCBRR
SCSCR
SCSSR
SCSMR
SCTDR
SCTSR
SCRDR
SCRSR
SCSPTR
Parity generation
Parity check
Clock
External clock
Module data bus
Internal
data bus
P
φ
P
φ/4
P
φ/16
P
φ/64
TEI
TXI
RXI
ERI
Baud rate
generator
Transmit/
receive
control
SCRSR:
SCRDR:
SCTSR:
SCTDR:
Receive shift register
Receive data register
Transmit shift register
Transmit data register
SCSMR:
SCSCR:
SCSSR:
SCBRR:
SCSPTR:
Serial mode register
Serial control register
Serial status register
Bit rate register
Serial port register
Figure 13.1 SCI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com