Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 633 page
background image
343
13.1.3
Pin Configuration
The SCI has the serial pins summarized in table 13.1.
Table 13.1
SCI Pins
Pin Name
Abbreviation Input/Output
Function
Serial clock pin
SCK
Input/output
Clock input/output
Receive data pin
RxD
Input
Receive data input
Transmit data pin
TxD
Output
Transmit data output
Note:
These pins function as mode input pins MD0–MD02 after a power-on reset. They are made
to function as serial pins by performing SCI operation settings with the TE, RE, CKEI, and
CKE0 bits in SCSCR and the C/
A bit in SCSMR. Break status transmission and detection
can be performed by means of the SCI’s SCSPTR register.
13.1.4
Register Configuration
Table 13.2 summarizes the SCI internal registers. These registers select the communication mode
(asynchronous or synchronous), specify the data format and bit rate, and control the transmitter
and receiver sections.
Table 13.2
Registers
Name
Abbreviation
R/W
Initial Value*
2
Address
Access Size
Serial mode register
SCSMR
R/W
H'00
H'FFFFFE80
8
Bit rate register
SCBRR
R/W
H'FF
H'FFFFFE82
8
Serial control register
SCSCR
R/W
H'00
H'FFFFFE84
8
Transmit data register
SCTDR
R/W
H'FF
H'FFFFFE86
8
Serial status register
SCSSR
R/(W)*
1
H'84
H'FFFFFE88
8
Receive data register
SCRDR
R
H'00
H'FFFFFE8A
8
Serial port register
SCSPTR
R/W
Undefined
(Initialized)*
3
H'FFFFFF7C
8
Notes: 1
Only 0 can be written, to clear the flags.
2
Initialized by power-on reset or manual reset.
3. All bits except 2 and 0 are initialized to 0. The value of bits 2 and 0 is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com