Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp SH7708 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 633 page
background image
345
13.2.4
Transmit Data Register (SCTDR)
The transmit data register (SCTDR) is an 8-bit register that stores data for serial transmission.
When the SCI detects that the transmit shift register (SCTSR) is empty, it moves transmit data
written in SCTDR into SCTSR and starts serial transmission. Continuous serial transmission is
possible by writing the next transmit data in SCTDR during serial transmission from SCTSR.
The CPU can always read and write to SCTDR. SCTDR is initialized to H'FF by a reset and in
standby or module standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
13.2.5
Serial Mode Register (SCSMR)
The serial mode register (SCSMR) is an 8-bit register that specifies the SCI serial communication
format and selects the clock source for the baud rate generator.
The CPU can always read and write to SCSMR. SCSMR is initialized to H'00 by a reset and in
standby or module standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7—Communication Mode (C/
A): Selects whether the SCI operates in asynchronous or
synchronous mode.
Bit 7: C/
A
Description
0
Asynchronous mode
(Initial value)
1
Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com