Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 355Page - Renesas Technology Corp SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 633 page
background image
341
Section 13 Serial Communication Interface (SCI)
13.1
Overview
The SH7708 Series has an on-chip serial communication interface (SCI) that supports both
asynchronous and synchronous serial communication. It also has a multiprocessor communication
function for serial communication among two or more processors. The SCI supports a smart card
interface, which is a serial communications feature for IC card interfaces that conforms to the
ISO/IEC standard 7816-3 for identification cards. See section 14, Smart Card Interface, for more
information.
13.1.1
Features
SCI features are listed below.
• Asynchronous or synchronous can be selected as the serial communication mode.
• Asynchronous mode:
 Serial data communication is synchronized in start-stop mode in character units. The SCI
can communicate with a universal asynchronous receiver/transmitter (UART), an
asynchronous communication interface adapter (ACIA), or any other communications chip
that employs a standard asynchronous serial system. It can also communicate with two or
more other processors using the multiprocessor communication function. The maximum bit
rate is 937.5 kbps. There are twelve selectable serial data communication formats.
 Data length: Seven or eight bits
 Stop bit length: One or two bits
 Parity: Even, odd, or none
 Multiprocessor bit: 1 or 0
 Receive error detection: Parity, overrun, and framing errors
 Break detection: By reading the RxD level directly from the serial port register (SCSPTR)
when a framing error occurs
• Synchronous mode:
 Serial data communication is synchronized with a clock signal. The SCI can communicate
with other chips having a synchronous communication function. The maximum bit rate is 5
Mbps. There is one serial data communication format.
 Data length: Eight bits
 Receive error detection: Overrun errors
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com