Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp SH7708 Datasheet HTML 355Page - Renesas Technology Corp SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 633 page
background image
337
12.3.5
Crystal Oscillator Circuit
Crystal oscillator circuit constants (recommended values) are shown in table 12.5, and the RTC
crystal oscillator circuit in figure 12.5.
Table 12.5
Recommended Oscillator Circuit Constants (Recommended Values)
f
osc
C
in
C
out
32.768 kHz
10 to 22 pF
10 to 22 pF
SH7708R
EXTAL2
XTAL2
XTAL
Cin
Cout
Rf
RD
Notes: 1. Select either the Cin or Cout side for frequency adjustment variable capacitor
according to requirements such as frequency range, degree of stability, etc.
2. Built-in resistance value Rf (Typ value) = 10 MΩ, RD (Typ value) = 400 kΩ
3. Cin and Cout values include floating capacitance due to the wiring. Take care
when using a ground plane.
4. The crystal oscillation settling time depends on the mounted circuit constants,
floating capacitance, etc., and should be decided after consultation with the
crystal resonator manufacturer.
5. Place the crystal resonator and load capacitors Cin and Cout as close as possible
to the chip.
(Correct oscillation may not be possible if there is externally induced noise in the
EXTAL2 and XTAL2 pins.)
6. Ensure that the crystal resonator connection pin (EXTAL2, XTAL2) wiring is
routed as far away as possible from other power lines (except GND) and signal
lines.
Figure 12.5 Example of Crystal Oscillator Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com