Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp SH7708 Datasheet HTML 355Page - Renesas Technology Corp SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 633 page
background image
336
12.3.4
Alarm Function
Figure 12.4 shows how to use the alarm function.
Alarms can be generated using seconds, minutes, hours, day of the week, date, month, or any
combination of these. Set the ENB bit (bit 7) in the register on which the alarm is placed to 1, and
then set the alarm time in the lower bits. Clear the ENB bit in the register on which the alarm is
placed to 0.
When the clock and alarm times match, a 1 is set in the AF bit (bit 0) in RCR1. Alarm detection
can be checked by reading this bit, but normally it is done by interrupt. If 1 is placed in the AIE bit
(bit 3) in RCR1, an interrupt is generated when an alarm occurs.
Temporarily disable interrupts (clear AIE bit
in RCR1 register to 0) to prevent erroneous
interruption
Clock running
Set alarm time
Clear alarm interrupt
When interrupts are used, enable interrupts
(set AIE bit in RCR1 register to 1)
Flag must be reset (by clearing AF bit in RCR1
register to 0) since it was set during alarm
time setting
Set alarm interrupt
Clear alarm flag
Monitor alarm time
(wait for interrupt or
check alarm flag)
Figure 12.4 Using the Alarm Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com