Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp SH7708 Datasheet HTML 355Page - Renesas Technology Corp SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 633 page
background image
335
12.3.3
Reading the Time
Figure 12.3 shows how to read the time. If a carry occurs while reading the time, the correct time
will not be obtained, so it must be read again. Part (a) in figure 12.3 shows the method of reading
the time without using interrupts; part (b) in figure 12.3 shows the method using carry interrupts.
To keep programming simple, method (a) should normally be used.
Write 0 to CF in RCR1
Note: Set AF to 1 so that alarm
flag is not cleared.
Write 0 to CIE in RCR1
Read RCR1 and check CF
Write 0 to CIE in RCR1
Carry flag = 1?
No
Yes
Clear the carry flag
Disable the carry
interrupt
Read counter
register
Write 1 to CIE in RCR1,
and write 0 to CF in RCR1
Note: Set AF in RCR1 to 1 so that
alarm flag is not cleared.
Interrupt
generated?
No
Yes
Enable the carry
interrupt
Clear the carry flag
Disable the carry
interrupt
Read counter
register
To read the time
without using interrupts
b. To use interrupts
a.
Figure 12.3 Reading the Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com