Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 345Page - Renesas Technology Corp SH7708 Datasheet HTML 346Page - Renesas Technology Corp SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 633 page
background image
331
Bit 7—Carry Flag (CF): Status flag that indicates that a carry has occurred. CF is set to 1 when a
count-up to R64CNT or RSECCNT occurs. A count register value read at this time cannot be
guaranteed; another read is required.
Bit 7: CF
Description
0
No count up of R64CNT or RSECCNT.
Clearing condition: When 0 is written to CF
(Initial value)
1
Count up of R64CNT or RSECCNT.
Setting condition: When 1 is written to CF
Bits 6, 5, 2, and 1—Reserved: These bits always read 0. The write value should always be 0.
Bit 4—Carry Interrupt Enable Flag (CIE): When the carry flag (CF) is set to 1, the CIE bit enables
interrupts.
Bit 4: CIE
Description
0
A carry interrupt is not generated when the CF flag is set to 1
(Initial value)
1
A carry interrupt is generated when the CF flag is set to 1
Bit 3—Alarm Interrupt Enable Flag (AIE): When the alarm flag (AF) is set to 1, the AIE bit
allows interrupts.
Bit 3: AIE
Description
0
An alarm interrupt is not generated when the AF flag is set to 1
(Initial value)
1
An alarm interrupt is generated when the AF flag is set to 1
Bit 0—Alarm Flag (AF): The AF flag is set to 1 when the alarm time set in an alarm register (only
registers with ENB bit set to 1) matches the clock and calendar time. This flag is cleared to 0 by
writing 0, but retains its previous value if 1 is written.
Bit 0: AF
Description
0
Clock/counter and alarm register have not matched since last reset to 0.
Clearing condition: When 0 is written to AF
(Initial value)
1
Setting condition: Clock/counter and alarm register have matched (only
registers with ENB set)*
Note: * Contents do not change when 1 is written to AF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com