Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 344Page - Renesas Technology Corp SH7708 Datasheet HTML 345Page - Renesas Technology Corp SH7708 Datasheet HTML 346Page - Renesas Technology Corp SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 633 page
background image
330
12.2.14
Month Alarm Register (RMONAR)
The month alarm register (RMONAR) is an 8-bit read/write register, and an alarm register
corresponding to the BCD-coded month section counter RMONCNT of the RTC. When the ENB
bit is set to 1, a comparison with the RMONCNT value is performed. From among the registers
RSECAR, RMINAR, RHRAR, RWKAR, RDAYAR, RMONAR, the counter and alarm register
comparison is performed only on those with ENB bits set to 1, and if each of those coincide, an
RTC alarm interrupt is generated.
The range that can be set is 01–12 (decimal) + ENB bit. Errant operation will result if any other
value is set.
The ENB bit in RMONAR is initialized by a power-on reset. The remaining RMONAR fields are
not initialized by a power-on reset or manual reset, or in standby mode. Contents are retained in a
manual reset and in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
ENB
—
—
10
months
1 month
Initial value:
0
0
0
—
—
—
—
—
R/W:
R/W
R
R
R/W
R/W
R/W
R/W
R/W
12.2.15
RTC Control Register 1 (RCR1)
The RTC control register 1 (RCR1) is an 8-bit read/write register that affects carry flags and alarm
flags. It also selects whether to generate interrupts for each flag. Because flags are sometimes set
after an operand read, do not use this register in read-modify-write processing.
RCR1 is initialized to H'00 by a power-on reset. In a manual reset, all bits are initialized to 0
except for the CF flag, which is undefined. When using the CF flag, it must be initialized
beforehand. This register is not initialized in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
CF
—
—
CIE
AIE
—
—
AF
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R
R/W
R/W
R
R
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com