Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 342Page - Renesas Technology Corp SH7708 Datasheet HTML 343Page - Renesas Technology Corp SH7708 Datasheet HTML 344Page - Renesas Technology Corp SH7708 Datasheet HTML 345Page - Renesas Technology Corp SH7708 Datasheet HTML 346Page - Renesas Technology Corp SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 633 page
background image
328
12.2.11
Hour Alarm Register (RHRAR)
The hour alarm register (RHRAR) is an 8-bit read/write register, and an alarm register
corresponding to the BCD-coded hour section counter RHRCNT of the RTC. When the ENB
bit is set to 1, a comparison with the RHRCNT value is performed. From among the RSECAR,
RMINAR, RHRAR, RWKAR, RDAYAR, RMONAR registers, the counter and alarm register
comparison is performed only on those with ENB bits set to 1, and if each of those coincide, an
RTC alarm interrupt is generated.
The range that can be set is 00–23 (decimal) + ENB bit. Errant operation will result if any other
value is set.
The ENB bit in RHRAR is initialized by a power-on reset. The remaining RHRAR fields are not
initialized by a power-on reset or manual reset, or in standby mode. Contents are retained in a
manual reset and in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
ENB
—
10 hours
1 hour
Initial value:
0
0
—
—
—
—
—
—
R/W:
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
12.2.12
Day of the Week Alarm Register (RWKAR)
The day of the week alarm register (RWKAR) is an 8-bit read/write register, and an alarm register
corresponding to the BCD-coded day of week section counter RWKCNT of the RTC. When the
ENB bit is set to 1, a comparison with the RWKCNT value is performed. From among the
RSECAR, RMINAR, RHRAR, RWKAR, RDAYAR, RMONAR registers, the counter and alarm
register comparison is performed only on those with ENB bits set to 1, and if each of those
coincide, an RTC alarm interrupt is generated.
The range that can be set is 0–6 (decimal) + ENB bit. Errant operation will result if any other
value is set.
The ENB bit in RWKAR is initialized by a power-on reset. The remaining RWKAR fields are not
initialized by a power-on reset or manual reset, or in standby mode. Contents are retained in a
manual reset and in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
ENB
—
—
—
—
Day of week
Initial value:
0
0
0
0
0
—
—
—
R/W:
R/W
R
R
R
R
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com