Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 338Page - Renesas Technology Corp SH7708 Datasheet HTML 339Page - Renesas Technology Corp SH7708 Datasheet HTML 340Page - Renesas Technology Corp SH7708 Datasheet HTML 341Page - Renesas Technology Corp SH7708 Datasheet HTML 342Page - Renesas Technology Corp SH7708 Datasheet HTML 343Page - Renesas Technology Corp SH7708 Datasheet HTML 344Page - Renesas Technology Corp SH7708 Datasheet HTML 345Page - Renesas Technology Corp SH7708 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 633 page
background image
324
RMINCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
10 minutes
1 minute
Initial value:
0
—
—
—
—
—
—
—
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.2.4
Hour Counter (RHRCNT)
The hour counter (RHRCNT) is an 8-bit read/write register used for setting/counting in the BCD-
coded hour section of the RTC. The count operation is performed by a carry for each 1 hour of the
minute counter.
The range that can be set is 00–23 (decimal). Errant operation will result if any other value is set.
Carry out write processing after halting the count operation with the START bit in RCR2, or
perform a write using the carry flag as shown in figure 12.2.
RHRCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
10 hours
1 hour
Initial value:
0
0
—
—
—
—
—
—
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
12.2.5
Day of the Week Counter (RWKCNT)
The day of the week counter (RWKCNT) is an 8-bit read/write register used for setting/counting
in the BCD-coded day of week section of the RTC. The count operation is performed by a carry
for each day of the date counter.
The range that can be set is 0–6 (decimal). Errant operation will result if any other value is set.
Carry out write processing after halting the count operation with the START bit in RCR2, or
perform a write using the carry flag as shown in figure 12.2.
RWKCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
Day of week
Initial value:
0
0
0
0
0
—
—
—
R/W:
R
R
R
R
R
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com