Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 336Page - Renesas Technology Corp SH7708 Datasheet HTML 337Page - Renesas Technology Corp SH7708 Datasheet HTML 338Page - Renesas Technology Corp SH7708 Datasheet HTML 339Page - Renesas Technology Corp SH7708 Datasheet HTML 340Page - Renesas Technology Corp SH7708 Datasheet HTML 341Page - Renesas Technology Corp SH7708 Datasheet HTML 342Page - Renesas Technology Corp SH7708 Datasheet HTML 343Page - Renesas Technology Corp SH7708 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 633 page
background image
322
12.1.4
RTC Register Configuration
Table 12.2 shows the RTC register configuration.
Table 12.2
RTC Registers
Name
Abbreviation R/W
Initial Value
Address
Access Size
64-Hz counter
R64CNT
R
Undefined
H'FFFFFEC0
8
Second counter
RSECCNT
R/W
Undefined
H'FFFFFEC2
8
Minute counter
RMINCNT
R/W
Undefined
H'FFFFFEC4
8
Hour counter
RHRCNT
R/W
Undefined
H'FFFFFEC6
8
Day of week counter
RWKCNT
R/W
Undefined
H'FFFFFEC8
8
Date counter
RDAYCNT
R/W
Undefined
H'FFFFFECA
8
Month counter
RMONCNT
R/W
Undefined
H'FFFFFECC
8
Year counter
RYRCNT
R/W
Undefined
H'FFFFFECE
8
Second alarm register
RSECAR
R/W
Undefined*
H'FFFFFED0
8
Minute alarm register
RMINAR
R/W
Undefined*
H'FFFFFED2
8
Hour alarm register
RHRAR
R/W
Undefined*
H'FFFFFED4
8
Day of week alarm register
RWKAR
R/W
Undefined*
H'FFFFFED6
8
Date alarm register
RDAYAR
R/W
Undefined*
H'FFFFFED8
8
Month alarm register
RMONAR
R/W
Undefined*
H'FFFFFEDA
8
RTC control register 1
RCR1
R/W
H'00
H'FFFFFEDC
8
RTC control register 2
RCR2
R/W
H'09
H'FFFFFEDE
8
Note:
Only the ENB bits of each register are initialized.
12.2
RTC Registers
12.2.1
64-Hz Counter (R64CNT)
The 64-Hz counter (R64CNT) is an 8-bit read-only register that indicates the status of the RTC
divider circuit between 64 Hz and 1 Hz.
R64CNT is reset to H'00 by setting the RESET bit in RTC control register 2 (RCR2) or the ADJ
bit in RCR2 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com