Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 335Page - Renesas Technology Corp SH7708 Datasheet HTML 336Page - Renesas Technology Corp SH7708 Datasheet HTML 337Page - Renesas Technology Corp SH7708 Datasheet HTML 338Page - Renesas Technology Corp SH7708 Datasheet HTML 339Page - Renesas Technology Corp SH7708 Datasheet HTML 340Page - Renesas Technology Corp SH7708 Datasheet HTML 341Page - Renesas Technology Corp SH7708 Datasheet HTML 342Page - Renesas Technology Corp SH7708 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 633 page
background image
321
12.1.3
Pin Configuration
Table 12.1 shows the RTC pin configuration.
Table 12.1
RTC Pin Configuration
Pin
Abbreviation I/O
Description
RTC oscillator crystal pin
EXTAL2
I
Connects crystal to RTC oscillator
RTC oscillator crystal pin
XTAL2
O
Connects crystal to RTC oscillator
Clock input/clock output
TCLK
I/O
External clock input pin/input capture
control input pin/realtime clock (RTC)
output pin (shared by TMU)
Dedicated power-supply pin for RTC Vcc (RTC)
—
Dedicated power-supply pin for RTC*
Dedicated GND pin for RTC
Vss (RTC)
—
Dedicated GND pin for RTC*
Note: * With the SH7708S and SH7708R, except in hardware standby mode, all V
CC and VSS pins
should be connected to the system power supply (power should be supplied constantly). In
hardware standby mode, power should be supplied at least to V
CC (RTC) and VSS (RTC).
If
power is not supplied to V
CC and VSS pins other than VCC (RTC) and VSS (RTC), hold the CA
pin low. With the SH7708, it is not possible to supply power only to the RTC power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com